Part Number Hot Search : 
001140 2SC4401 1N6138 YDW236 MAX664 29F010 SMAJ51 70V25
Product Description
Full Text Search
 

To Download DF200AA160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE(THREE PHASES BRIDGE TYPE)
DF200AA120/160
UL;E76102 M Power Diode Module DF200AA is designed for three phase full wave rectification, which has six diodes connected in a three phase bridge configuration. The mounting base of the module is electrically isolated from semiconductor elements for simple heatsink construction. Output DC current is 200Amp Tc 96 Repetitive peak reverse voltage is up to 1,600V. TjMax 150 Isolated mounting base High reliability by unique glass passivation Applications AC, DC Motor Drive/AVR/Switching -for three phase rectification
Unit a
Maximum Ratings
Symbol VRRM VRSM Symbol ID IFSM It
2
Item Repetitive Peak Reverse Voltage Non-Repetitive Peak Reverse Voltage Item Output Current D.C. Surge Forward Current It
2
Ratings DF200AA120 1200 1300 Conditions Three Phase full wave. TC 96 1 cycle, 50/60HZ, peak value, non-repetitive Value for one cycle of surge current DF200AA160 1600 1700 Ratings 200 1850/2000 6000 40 40 A.C. 1 minute Recommended Value 1.5 2.5 15 25 Recommended Value 1.5 2.5 15 25 Typical Value 2500 2.7 28 2.7 28 360 150 125
Unit V V Unit A A A2S
Tj Tstg VISO
Operating Junction Temperature Storage Temperature Isolation Breakdown Voltage R.M.S. Mounting Torque Mass Mounting M5 Terminal M5
V Nm fB g
Electrical Characteristics
Symbol IRRM VFM Rth j-c Item Repetitive Peak Reverse Current, max. Forward Voltage Drop, max. Thermal Impedance, max. Tj 150 Tj 25 at VRRM Conditions IFM 200A, Inst. measurement Junction to case Ratings 15.0 1.35 0.10 Unit mA V /W
SanRex(R)
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DF200AA120/160
SanRex(R)
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com


▲Up To Search▲   

 
Price & Availability of DF200AA160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X